Part Number Hot Search : 
IRFF430R AL8807A DD870 HEF4019B A9108 B66305 FAN7530 74LS43
Product Description
Full Text Search
 

To Download BY268GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BY268GP thru by269gp sintered glass junction fast switching plastic rectifier voltage:1400 to 1600v curr ent: 0.8a feature do-41\do-204al high temperature metallurgically bonded constructio n sintered glass cavity free junction capability of meeting environmental standard of mil-s-19500 high temperature soldering guaranteed 350 c/10sec/0.375lead length at 5 lbs tension operate at ta = 55 c with no thermal run away typical ir<0.2 m a mechanical data terminal: plated axial leads solderable per mil-std 202e, method 208c case: molded with ul-94 class v-0 recognized flame retardant epoxy polarity: color band denotes cathode mounting position: any dimensions in inches and (millimeters) maximum ratings and electrical characteristics (single-phase, half-wave, 60hz, resistive or induct ive load rating at 25 c, unless otherwise stated) symbol BY268GP by269gp units maximum recurrent peak reverse voltage vrrm 1400 1600 v maximum rms voltage vrms 980 1120 v maximum dc blocking voltage vdc 1400 1600 v non-repetitive peak reverse voltage vrsm 1600 1800 v maximum average forward rectified current 3/8lead length at ta =55 c if(av) 0.8 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 20.0 a maximum forward voltage at 0.4a and 25 c vf 1.25 v maximum full load reverse current full cycle average at 55 c ambient ir(av) 100 m a maximum dc reverse current ta =25 c at rated dc blocking voltage ta =150 c ir 5.0 100.0 m a m a maximum reverse recovery time (note 1) trr 4 00 ns non repetitive reverse avalanche energy at i br(r) =0.4a e rsm 10 mj typical junction capacitance (note 2) cj 5.0 pf typical thermal resistance (note 3) rth( ja) 65.0 c /w storage and operating junction temperature tstg, tj -65 to +175 c note: 1. reverse recovery condition if = 0.5a, ir =1.0a, irr =0.25a 2. measured at 1.0 mhz and applied reverse voltage of 4.0vdc 3. thermal resistance from junction to ambient at 3 /8lead length, p.c. board mounted rev.a1 www.gulfsemi.com
ratings and characteristic curves BY268GP thru by26 9gp 1 1 rev.a1 www.gulfsemi.c om


▲Up To Search▲   

 
Price & Availability of BY268GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X